PART |
Description |
Maker |
BC-148 |
148-Lead Chip Scale Package Ball Grid Array
|
Analog Devices, Inc. AD[Analog Devices]
|
RPM7137-H4R RPM7137-H9R RPM7137-V4R |
Lead Frame Remote Control Receiver Modules (5V Type)
|
ROHM
|
5962R9858301VXA UT80CRH196KD-WCA UT80CRH196KD-WCC |
16-bit microcontroller: SMD. Lead finish solder. Class V. 20MHz. Total dose 1E5rads(Si0. Microcontroller. Lead finish solder. Microcontroller. Lead finish gold. Microcontroller. Lead finish optional. Microcontroller. Lead finish gold. Prototype.
|
Aeroflex Circuit Technology
|
3KP70CA-G 3KP70A-G 3KP45A-G 3KP36A-G 3KP36CA-G 3KP |
Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=70V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=45V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=36V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=58V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=54V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=90V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=48V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=75V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=28V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=80V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=43V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=60V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=33V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=51V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=78V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=350V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=250V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=14V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=64V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=18V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=17V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=26V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=19V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=85V, Tolerance=5% Transient Voltage Suppressor (TVS) Axial Lead, P-PPM=3000Watts, V-RWM=6V, Tolerance=5%
|
Comchip Technology
|
B5B-435-TL |
B5B-435-TL is a AlGaInP LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
B3B-443-B525 |
B3B-443-B525 is a InGaN LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
B5B-433-014 |
B5B-433-014 is a GaP LED mounted on a lead frame with a clear epoxy lens
|
Roithner LaserTechnik G...
|
RPM6937-V4 RPM6938-V4 |
Lead Frame Remote Control Receiver Modules (5V with superior anti-nois characteristics Type)
|
ROHM
|
CRCW080515K0FKTA CRCW0805562RFKTA CRCW06030000FKTA |
RESISTOR, METAL GLAZE/THICK FILM, 0.125 W, 1 %, 100 ppm, 15000 ohm, SURFACE MOUNT, 0805 CHIP, HALOGEN FREE Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors Lead (Pb)-Bearing Thick Film, Rectangular Chip Resistors
|
Vishay Intertechnology, Inc. Vishay Siliconix
|
LD08PC753KAB3A LD08PC753KAB1A LD05-20 LD20 LD13 LD |
CAPACITOR, CERAMIC, MULTILAYER, 250 V, X7R, 0.075 uF, SURFACE MOUNT, 1808 CHIP Tip & Ring Tin/Lead Termination “B Multilayer Ceramic Chip Capacitors Tip & Ring Tin/Lead Termination “B?Multilayer Ceramic Chip Capacitors Tip & Ring Tin/Lead Termination “B?Multilayer Ceramic Chip Capacitors
|
AVX, Corp. AVX Corporation
|
|